Part Number Hot Search : 
115A521 AD6472 STK086 D74HC MC3346 C484FD26 Z0103M AT91S
Product Description
Full Text Search
 

To Download AT27C516 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 AT27C516
Features
* * * * * * * * *
Fast Read Access Time - 45 ns Low Power CMOS Operation 100 A max. Standby 30 mA max. Active at 5 MHz JEDEC Standard Packages 44-Lead PLCC 40-Lead TSOP (10mm x 14mm) 5V 10% Power Supply High Reliability CMOS Technology 2000V ESD Protection 200 mA Latchup Immunity RapidTM Programming Algorithm - 50 s/word (typical) CMOS and TTL Compatible Inputs and Outputs Integrated Product Identification Code Commercial and Industrial Temperature Ranges
512K (32K x 16) OTP CMOS EPROM
Description
The AT27C516 is a low-power, high performance 524,288 bit one-time programmable read only memory (OTP EPROM) organized 32K by 16 bits. It requires only one 5V power supply in normal read mode operation. Any word can be accessed in less than 45 ns, eliminating the need for speed reducing WAIT states. The by-16 organization make this part ideal for high-performance 16 and 32 bit microprocessor systems. (continued)
Pin Configurations
Pin Name A0 - A14 O0 - O15 CE OE PGM NC Function Addresses Outputs Chip Enable Output Enable Program Strobe No Connect
AT27C516
Note: Both GND pins must be connected.
PLCC Top View
TSOP Top View Type 1
Note: PLCC Package Pins 1 and 23 are DON'T CONNECT.
0362C
3-145
Description (Continued)
In read mode, the AT27C516 typically consumes 15 mA. Standby mode supply current is typically less than 10 A. The AT27C516 is available in industry standard JEDEC-approved one-time programmable (OTP) plastic PLCC and TSOP packages. The device features two-line control (CE, OE) to eliminate bus contention in high-speed systems. With 32K word storage capability, the AT27C516 allows firmware to be stored reliably and to be accessed by the system without the delays of mass storage media. Atmel's 27C516 have additional features to ensure high quality and efficient production use. The RapidTM Programming Algorithm reduces the time required to program the part and guarantees reliable programming. Programming time is typically only 50 s/word. The Integrated Product Identification Code electronically identifies the device and manufacturer. This feature is used by industry standard programming equipment to select the proper programming algorithms and voltages.
System Considerations
Switching between active and standby conditions via the Chip Enable pin may produce transient voltage excursions. Unless accommodated by the system design, these transients may exceed data sheet limits, resulting in device non-conformance. At a minimum, a 0.1 F high frequency, low inherent inductance, ceramic capacitor should be utilized for each device. This capacitor should be connected between the VCC and Ground terminals of the device, as close to the device as possible. Additionally, to stabilize the supply voltage level on printed circuit boards with large EPROM arrays, a 4.7 F bulk electrolytic capacitor should be utilized, again connected between the VCC and Ground terminals. This capacitor should be positioned as close as possible to the point where the power supply is connected to the array.
3-146
AT27C516
AT27C516
Block Diagram Absolute Maximum Ratings*
Temperature Under Bias ................ -55C to +125C Storage Temperature...................... -65C to +150C Voltage on Any Pin with Respect to Ground......................... -2.0V to +7.0V (1) Voltage on A9 with Respect to Ground ...................... -2.0V to +14.0V (1) VPP Supply Voltage with Respect to Ground....................... -2.0V to +14.0V (1)
*NOTICE: Stresses beyond those listed under "Absolute Maximum Ratings" may cause permanent damage to the device. This is a stress rating only and functional operation of the device at these or any other conditions beyond those indicated in the operational sections of this specification is not implied. Exposure to absolute maximum rating conditions for extended periods may affect device reliability. Note: 1. Minimum voltage is -0.6V dc which may undershoot to 2.0V for pulses of less than 20 ns. Maximum output pin voltage is VCC + 0.75V dc which may overshoot to +7.0V for pulses of less than 20 ns.
Operating Modes
Mode \ Pin Read Output Disable Standby Rapid Program PGM Verify PGM Inhibit Product Identification (4)
(2)
CE VIL X VIH VIL VIL VIH VIL
OE VIL VIH X VIH VIL X VIL
PGM X X X VIL VIH X X
(1)
Ai Ai X X Ai Ai X A9 = VH A0 = VIH or VIL A1 - A14 = VIL
(3)
VPP X X X
(5)
Outputs DOUT High Z High Z DIN DOUT High Z Identification Code
VPP VPP VPP VCC
Notes: 1. X can be VIL or VIH. 2. Refer to Programming characteristics. 3. VH = 12.0 0.5V.
4. Two identifier words may be selected. All Ai inputs are held low (VIL), except A9 which is set to VH and A0 which is toggled low (VIL) to select the Manufacturer's Identification word and high (VIH) to select the Device Code word. 5. Standby VCC current (ISB) is specified with VPP = VCC. VCC > VPP will cause a slight increase in ISB.
3-147
DC and AC Operating Conditions for Read Operation
AT27C516 Operating Temperature (Case) VCC Power Supply Com. Ind. -45 0C - 70C -40C - 85C 5V 10% -55 0C - 70C -40C - 85C 5V 10% -70 0C - 70C -40C - 85C 5V 10% -85 0C - 70C -40C - 85C 5V 10% -10 0C - 70C -40C - 85C 5V 10%
DC and Operating Characteristics for Read Operation
Symbol ILI ILO IPP1 ISB ICC VIL VIH VOL VOH
(2)
Parameter Input Load Current Output Leakage Current VPP
(1)
Condition VIN = 0V to VCC VOUT = 0V to VCC VPP = VCC ISB1 (CMOS), CE = VCC 0.3V ISB2 (TTL), CE = 2.0 to VCC + 0.5V f = 5 MHz, IOUT = 0 mA, CE = VIL
Min
Max 1 5 10 100 1 30
Units A A A A mA mA V V V V
Read/Standby Current
VCC (1) Standby Current VCC Active Current Input Low Voltage Input High Voltage Output Low Voltage Output High Voltage
-0.6 2.0 IOL = 2.1 mA IOH = -400 A 2.4
0.8 VCC + 0.5 0.4
Notes: 1. VCC must be applied simultaneously or before VPP, and removed simultaneously or after VPP.
2. VPP may be connected directly to VCC, except during programming. The supply current would then be the sum of ICC and IPP.
AC Characteristics for Read Operation
AT27C516 -45 Symbol tACC tCE tOE
(3) (2) (2, 3)
-55
Min Max Min
-70
Max Min
-85
Max Min
-10
Max
Parameter
Address to Output Delay CE to Output Delay OE to Output Delay
Condition
CE = OE = VIL OE = VIL CE = VIL
Min
Max
Units ns ns ns ns ns
45 45 20 20 7 7
55 55 25 25 7
70 70 25 25 0
85 85 30 30 0
100 100 30 30
tDF (4, 5) tOH
Notes:
OE or CE High to Output Float, whichever occurred first Output Hold from Address, CE or OE, whichever occurred first
2, 3, 4, 5. - see AC Waveforms for Read Operation.
3-148
AT27C516
AT27C516
AC Waveforms for Read Operation
(1)
Notes: 1. Timing measurement reference level is 1.5V for -45 and -55 devices. Input AC drive levels are VIL = 0.0V and VIH = 3.0V. Timing measurement reference levels for all other speed grades are VOL = 0.8V and VOH = 2.0V. Input AC drive levels are VIL = 0.45V and VIH = 2.4V. 2. OE may be delayed up to tCE - tOE after the falling edge of CE without impact on tCE .
3. OE may be delayed up to tACC - tOE after the address is valid without impact on tACC . 4. This parameter is only sampled and is not 100% tested. 5. Output float is defined as the point when data is no longer driven.
Input Test Waveforms and Measurement Levels
For -45, -55, and -70 Devices Only: tR, tF < 5 ns (10% to 90%)
Output Test Load
For -85 and -10 Devices Only: tR, tF < 20 ns (10% to 90%)
(1)
Note: CL = 100 pF including jig capacitance except -45, -55 and -70 devices, where CL = 30 pF.
Pin Capacitance (f = 1 MHz T = 25C)
Typ CIN COUT
Note:
Max 10 12
Units pF pF
Conditions VIN = 0V VOUT = 0V
4 8
1. Typical values for nominal supply voltage. This parameter is only sampled and is not 100% tested.
3-149
Programming Waveforms
(1)
Notes: 1. The Input Timing Reference is 0.8V for VIL and 2.0V for VIH. 2. tOE and tDFP are characteristics of the device but must be accommodated by the programmer.
3. When programming the AT27C516 a 0.1 F capacitor is required across VPP and ground to suppress spurious voltage transients.
DC Programming Characteristics
TA = 25 5C, VCC = 6.5 0.25V, VPP = 13.0 0.25V Test Conditions VIN = VIL, VIH -0.6 2.0 IOL = 2.1 mA IOH = -400 A 2.4 50 CE = PGM = VIL 11.5 30 12.5 Limits Max 10 0.8 VCC + 0.1 0.4
Symbol
Parameter Input Load Current Input Low Level Input High Level Output Low Voltage Output High Voltage VCC Supply Current (Program and Verify) VPP Supply Current A9 Product Identification Voltage
Min
Units
A
ILI VIL VIH VOL VOH ICC2 IPP2 VID
V V V V mA mA V
3-150
AT27C516
AT27C516
AC Programming Characteristics
TA = 25 5C, VCC = 6.5 0.25V, VPP = 13.0 0.25V Symbol Parameter Test (1) Conditions*
Rapid Programming Algorithm
A 50 s PGM pulse width is used to program. The address is set to the first location. VCC is raised to 6.5V and VPP is raised to 13.0V. Each address is first programmed with one 50 s PGM pulse without verification. Then a verification / reprogramming loop is executed for each address. In the event a word fails to pass verification, up to 10 successive 50 s pulses are applied with a verification after each pulse. If the word fails to verify after 10 pulses have been applied, the part is considered failed. After the word verifies properly, the next address is selected until all have been checked. VPP is then lowered to 5.0V and VCC to 5.0V. All words are read again and compared with the original data to determine if the device passes or fails.
Limit
Min Max Units s s s s s s
tAS tCES tDS tAH tDH tDFP tVPS tVCS tPW tOE tPRT
Address Setup Time CE Setup Time
2 2 2 2 0 2 0 2 2
(3)
tOES OE Setup Time
Data Setup Time Address Hold Time Data Hold Time OE High to Output Float Delay (2) VPP Setup Time VCC Setup Time PGM Program Pulse Width Data Valid from OE VPP Pulse Rise Time During Programming
130
ns
s s
47.5
52.5 150
s
ns ns
50
*AC Conditions of Test: Input Rise and Fall Times (10% to 90%)..............20 ns Input Pulse Levels...................................0.45V to 2.4V Input Timing Reference Level...................0.8V to 2.0V Output Timing Reference Level................0.8V to 2.0V Notes: 1. VCC must be applied simultaneously or before VPP and removed simultaneously or after VPP. 2. This parameter is only sampled and is not 100% tested. Output Float is defined as the point where data is no longer driven -- see timing diagram. 3. Program Pulse width tolerance is 50 sec 5%.
Atmel's 27C516 Integrated Product Identification Code
Pins Codes Manufacturer Device Type
A0 015-08 O7 O6 O5 O4 O3 O2 O1 O0
Hex Data
0 1
0 0
0 1
0 1
0 1
1 1
1 0
1 0
1 1
0 001E 0 00F2
3-151
Ordering Information
tACC (ns) 45 ICC (mA)
Active Standby
Ordering Code AT27C516-45JC AT27C516-45VC AT27C516-45JI AT27C516-45VI AT27C516-55JC AT27C516-55VC AT27C516-55JI AT27C516-55VI AT27C516-70JC AT27C516-70VC AT27C516-70JI AT27C516-70VI AT27C516-85JC AT27C516-85VC AT27C516-85JI AT27C516-85VI AT27C516-10JC AT27C516-10VC AT27C516-10JI AT27C516-10VI
Package 44J 40V 44J 40V 44J 40V 44J 40V 44J 40V 44J 40V 44J 40V 44J 40V 44J 40V 44J 40V
Operation Range Commercial (0C to 70C) Industrial (-40C to 85C) Commercial (0C to 70C) Industrial (-40C to 85C) Commercial (0C to 70C) Industrial (-40C to 85C) Commercial (0C to 70C) Industrial (-40C to 85C) Commercial (0C to 70C) Industrial (-40C to 85C)
30 30
0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1 0.1
55
30 30
70
30 30
85
30 30
100
30 30
Package Type
44J 40V
44 Lead, Plastic J-Leaded Chip Carrier (PLCC) 40 Lead, Plastic Thin Small Outline Package (TSOP) (10mm x 14mm)
3-152
AT27C516


▲Up To Search▲   

 
Price & Availability of AT27C516

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X